Part Number Hot Search : 
CMD57152 VS2000 LT1079A FC113 C3405 06L20 NTE15043 12R06D
Product Description
Full Text Search
 

To Download FS10-1200-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p o w e r t r a n s f o r m e r p c m o u n t : split pack web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publish date: december 4, 2013 fs 10 - 12 0 0 description: the fs 10 - 12 0 0 is a dual primary and dual secondary, split bobbin design which operates with either a parallel input of 115v or a series input of 230v. the output voltage will be either 10 .0 v with a center - tap under a 1. 2 a load with the secondaries wired in series, or 5 .0 v under a 2.4 a load with the secondaries wired in parallel. the split bobbin design eliminates the need for costly electrostatic shielding. electrical specifications ( @25 c ) 1. maximum power: 12 .0 va 2. primary: seri es : 230v ; parallel: 115v 3 . secondary: se ries: 10 .0 v ct@ 1.2 a; parallel: 5 .0 v @ 2.4 a 4 . voltage regulation: 25% typ @ full load to no load 5 . temperature rise: 25 c typ 6 . hipot tested 100% at 2500 vrms construction: three flange bobbin const ruction with primaries and secondaries wound side by sid e for low capacitive coupling. agency file: ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, c ul: file e53148, ul 5085 - 2 ( 506 ) , class b general purpose transformer, canadian use (csa 22. 2, no.66.2 - 06) this model is also available in class 2, ul 5085 - 3 (1585) version as fs10 - 1200 - c2 dimensions: units in inches. h w l a b c d e f 1.437 1.562 1.875 0. 3 0 0 0. 4 0 0 1. 41 0 0.041 0.020 0.234 weight: 0.70 lbs schematic : rohs compliance: as of manufacturing date february 2005, all standard products meet the requirements of 2011/65/eu, kn own as the rohs initiative. as of april 7, 2008, ul standards 506 and 1585 will be migrated to ul 5085 - 2 and 5085 - 3, respectively. * upon printin g, this document is considered uncontrolled . please contact triad magnetics website for the most current version. board layout 1 2 3 4 8 7 6 5 115/230v 50/60hz 1 2 3 4 115/230v 50/60hz parallel 1 2 3 4 115/230v 50/60hz series 1 2 3 4 l h w e a b a c 0.06" diameter hole d f 1 5 8 4


▲Up To Search▲   

 
Price & Availability of FS10-1200-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X